|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KR Electronics, Inc. KR 2391A-8-50 Lowpass Filter General Description KR 2391A-8-50 is a group delay equalized lowpass filters. The filter's flat passband response and group delay equalization make it a good choice for video applications. www.krfilters.com Features * Flat passband response * Group delay equalized Typical Performance Passband Response fc=8 MHz (0.1 dB/div & 10 nsec/div) 100 KHz to 8 MHz 25 Mar 2002 10:12:20 CH1 CH2 PRm Cor 1 S 21 S 21 log MAG delay .1 dB/ 10 ns/ REF -.7 dB REF 365 ns CH1 S 21 Overall Response fc=8 MHz (10 dB/div) 100 KHz to 25 MHz 25 Mar 2002 10:12:55 log MAG 10 dB/ REF 0 dB PRm Cor Smo Smo PRm Cor 2 Smo START .100 000 MHz STOP 8.000 000 MHz START .100 000 MHz STOP 25.000 000 MHz Figure 1 Figure 2 KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2002, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 1 KR Electronics, Inc. 2391AKR Series 2391A-8-50 Specifications www.krfilters.com Parameter Filter type Insertion Loss End of Passband (fc) Passband Ripple Attenuation at 1.1 x fc Attenuation at 1.38 x fc Group Delay Ripple to fc Source and Load Specification Lowpass < 1 dB 8 MHz < 0.25 dB < 3 dB > 45 dB < 10 nsec 50 Physical Dimensions Also available in a 4 x 2 x 0.5 inch metal can with PCB terminals Other configurations available on request All dimensions in inches KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2002, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 2 |
Price & Availability of 2391A-8-50 |